PART |
Description |
Maker |
EVAL-AD7714-5EB AD7714ACHIPS-3 AD7714ACHIPS-5 AD77 |
3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC 3 V/5 V, CMOS,500 mA Signal Conditioning ADC 3 V/5 V, CMOS, 500 UASignal Conditioning ADC 3 V/5 V, CMOS, 500 mA Signal Conditioning ADC CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial 5-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices ANALOG DEVICES INC
|
AD13465/PCB AD13465AF 5962-0150601HXA AD13465BZ |
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning 双通道4位,65 MSPS的A / D转换的模拟输入信号调 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual Channel/ 14-Bit/ 65 MSPS A/D Converter with Analog Input Signal Conditioning
|
Analog Devices, Inc.
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
AD10242BZ AD10242_PCB 5962-9581501HXA |
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Dual 12-Bit 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
|
AD Analog Devices
|
AD7714ACHIPS-5 |
3 V/5 V/ CMOS/ 500 uA Signal Conditioning ADC CMOS, 3V/5V, 500 A, 24-Bit Sigma-Delta, Signal Conditioning ADC
|
Analog Devices
|
AD7711 EVAL-AD7711EB |
LC2MOS Signal Conditioning ADC with RTD Excitation Currents(RTD激励电流LC2MOS信号调节A/D转换 CERAMIC CHIP CAPACITOR LC2MOS信号调理型ADC RTD激励电 LC2MOS Signal Conditioning ADC with RTD Excitation Currents LC2MOS信号调理型ADC RTD激励电
|
Analog Devices, Inc.
|
ADXL250JQC ADXL150 ADXL150JQC ADXL150AQC ADXL150EM |
-5 g to -50 g/ Low Noise/ Low Power/ Single/Dual Axis iMEMS Accelerometers -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers Circular Connector; No. of Contacts:6; Series:LJTP02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:9-35 ±50g Single Axis Accelerometer with Analog Output ±50g Dual Axis Accelerometer with Analog Outputs
|
Analog Devices, Inc.
|
MTL1000 |
signal conditioning isolators
|
Eaton, Corp.
|
AD7710 |
Signal Conditioning ADC(LC2MOS信号调节A/D转换
|
Analog Devices, Inc.
|
5B32 |
Single-Channel Signal Conditioning Module
|
Analog Devices
|